| Moteur de recherche de fiches techniques de composants électroniques |
|
HT32F12366 Fiches technique(PDF) 28 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT32F12366 Fiches technique(HTML) 28 Page - Holtek Semiconductor Inc |
|
28 / 56 page ![]() Rev. 1.00 �8 of 56 �ove��e� 0�� �01� 3�-Bit A��® Co�tex®-M3 MCU HT3�F1�365/HT3�F1�366/HT3�F��366 Table 3. Pin Assignment for 46-pin QFN, 48/64/100-pin LQFP Package Package Alternate Function Number AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 100 LQFP 64 LQFP 48 LQFP 46 QFN System Default GPIO ADC CMP MCTM /GPTM SPI USART /UART I2C SCI EBI I2S SDIO CSIF N/A N/A System Other 1 1 1 46 PA0 ADC_ I�0 GT1_ CH0 SPI1_ SCK USR0_ RTS I�C1_ SCL SCI0_ CLK I�S_ WS CSIF_ D0 � � � 1 PA1 ADC_ I�1 GT1_ CH1 SPI1_ MOSI USR0_ CTS I�C1_ SDA SCI0_ DIO I�S_ BCLK SD_ DAT1 CSIF_ D1 3 3 3 � PA� ADC_ I�� GT1_ CH� SPI1_ MISO USR0_ TX I�S_ SDO SD_ DAT� CSIF_ D� 4 4 4 3 PA3 ADC_ I�3 GT1_ CH3 SPI1_ SEL USR0_ RX I�S_ SDI SD_ DAT3 CSIF_ D3 5 5 5 4 PA4 ADC_ I�4 GT0_ CH0 SPI0_ SCK USR1_ TX I�C0_ SCL SCI1_ CLK SD_ CMD CSIF_ D4 6 6 6 5 PA5 ADC_ I�5 GT0_ CH1 SPI0_ MOSI USR1_ RX I�C0_ SDA SCI1_ DIO SD_ CLK CSIF_ D5 � � � 6 PA6 ADC_ I�6 GT0_ CH� SPI0_ MISO USR1_ RTS SCI1_ DET SD_ DAT0 CSIF_ D6 8 8 8 � PA� ADC_ I�� GT0_ CH3 SPI0_ SEL USR1_ CTS I�S_ MCLK CSIF_ D� 9 PE8 ADC_ I�8 SPI1_ SEL USR0_ RTS CSIF_ HSY�C 10 PE9 ADC_ I�9 SPI1_ SCK USR0_ CTS CSIF_ VSY�C 11 PE10 ADC_ I�10 SPI1_ MOSI USR0_ TX CSIF_ PCK 1� PE11 ADC_ I�11 SPI1_ MISO USR0_ RX CSIF_ MCK 13 PE1� ADC_ I�1� 14 9 9 VDD_3 15 10 10 EP* VSS_3 16 11 PC9 ADC_ I�13 GT0_ CH0 SPI1_ SEL UR0_TX I�C1_ SCL SD_ DAT0 CSIF_ HSY�C 1� 1� PC10 ADC_ I�14 GT0_ CH1 SPI1_ SCK UR0_RX I�C1_ SDA SD_ DAT1 CSIF_ VSY�C 18 13 PC11 ADC_ I�15 GT0_ CH� SPI1_ MOSI SD_ DAT� CSIF_ PCK 19 14 PC1� GT0_ CH3 SPI1_ MISO SD_ DAT3 CSIF_ MCK �0 PD6 GT0_ ETI EBI_ �RDY �1 15 11 8 PB1� MT1_ CH� USR0_ TX I�C0_ SCL CSIF_ D� �� 15 11 8 USBDM �3 16 1� 9 USBDP �4 16 1� 9 PB13 MT1_ CH�� USR0_ RX I�C0_ SDA CSIF_ D6 �5 �C �6 1� 13 10 CLDO �� 18 14 11 VDD_1 �8 19 15 1� VSS_1 �9 �0 16 13 nRST 30 �1 1� 14 VBAT 31 �� 18 15 X3�KI� PC13 3� �3 19 16 X3�KOUT PC14 33 �4 �0 1� RTCOUT PC15 WAKEUP 34 �5 PD0 MT1_ ETI I�C0_ SDA EBI_A18 I�S_ SDI SD_ CMD 35 PE13 I�C0_ SCL EBI_A19 I�S_ MCLK 36 PE14 GT1_ ETI EBI_A�0 I�S_ WS 3� PE15 GT1_ CH0 UR0_TX EBI_A�1 |