Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4218 Fiches technique(PDF) 3 Page - ebm-papst

No de pièce 4218
Description  Tubeaxial
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EBMPAPST [ebm-papst]
Site Internet  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

4218 Fiches technique(HTML) 3 Page - ebm-papst

  4218 Datasheet HTML 1Page - ebm-papst 4218 Datasheet HTML 2Page - ebm-papst 4218 Datasheet HTML 3Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
171
Available on request:
– Electrically isolated speed signal circuit
– Varying voltage potentials for power and logic circuit
Type
VDC
mA
VDC
mA
mA
Page
7214 N/12
£ 0.4
2
2.5–5.5
1
£ 20
70
6424/12 H
£ 0.4
2
2.5–5.5
1
£ 20
71
DV 6424/12
£ 0.4
2
4.5–5.25
2
£ 12
73
DV 6448/12
£ 0.4
2
4.5–5.25
2
£ 12
73
RG 125-19/12 N/12
£ 0.4
1
2.5–5.5
1
£ 1
103
RG 160-28/12 N/12
£ 0.4
2
2.5–5.5
1
£ 5
104
RG 160-28/18 N/12
£ 0.4
2
2.5–5.5
1
£ 20
104
RER 125-19/12 N/12 £ 0.4
1
2.5–5.5
1
£ 1
116
RER 160-28/12 N/12 £ 0.4
2
2.5–5.5
1
£ 5
118
RER 160-28/18 N/12 £ 0.4
2
2.5–5.5
1
£ 20
118
Subject to change
Signal data
Note:
Fans that come with these fan specials could have variations with respect to
the temperature range, voltage range, and power consumption compared to
standard fans without specials.



Html Pages

1 2 3