Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TUSB1044 Fiches technique(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
No de pièce TUSB1044
Description  USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044 Fiches technique(HTML) 56 Page - Texas Instruments

Back Button TUSB1044 Datasheet HTML 52Page - Texas Instruments TUSB1044 Datasheet HTML 53Page - Texas Instruments TUSB1044 Datasheet HTML 54Page - Texas Instruments TUSB1044 Datasheet HTML 55Page - Texas Instruments TUSB1044 Datasheet HTML 56Page - Texas Instruments TUSB1044 Datasheet HTML 57Page - Texas Instruments TUSB1044 Datasheet HTML 58Page - Texas Instruments TUSB1044 Datasheet HTML 59Page - Texas Instruments TUSB1044 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 67 page
background image
56
TUSB1044
SLLSF47A – FEBRUARY 2018 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: TUSB1044
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
9 Power Supply Recommendations
The TUSB1044 is designed to operate with a 3.3-V power supply. Levels above those listed in the table should
not be used. If using a higher voltage system power supply, a voltage regulator can be used to step down to 3.3
V. Decoupling capacitors should be used to reduce noise and improve power supply integrity. A 0.1-µF capacitor
should be used on each power pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67