Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MM54C48 Fiches technique(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce MM54C48
Description  BCD-to-7 Segment Decoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54C48 Fiches technique(HTML) 4 Page - National Semiconductor (TI)

  MM54C48 Datasheet HTML 1Page - National Semiconductor (TI) MM54C48 Datasheet HTML 2Page - National Semiconductor (TI) MM54C48 Datasheet HTML 3Page - National Semiconductor (TI) MM54C48 Datasheet HTML 4Page - National Semiconductor (TI) MM54C48 Datasheet HTML 5Page - National Semiconductor (TI) MM54C48 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Typical Applications (Continued)
Blanking Input Connection Diagram
TLF5883 – 5
When RBOBI is forced low all segment outputs are off regardless of the state of any other input condition
Light Emitting Diode (LED) Readout
TLF5883 – 6
TLF5883 – 7
Incandescent Readout
TLF5883 – 8
A filament pre-warm resistor is recommended to reduce filament thermal
shock and increase the effective cold resistance of the filament
Fluorescent Readout
TLF5883 – 9
4



Html Pages

1 2 3 4 5 6