Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VSC8113 Fiches technique(PDF) 2 Page - Vitesse Semiconductor Corporation

No de pièce VSC8113
Description  ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VITESSE [Vitesse Semiconductor Corporation]
Site Internet  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8113 Fiches technique(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC8113 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8113
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux
with Integrated Clock Generation and Clock Recovery
Page 2
© VITESSE SEMICONDUCTOR CORPORATION
G52154-0, Rev 4.2
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
3/19/99
CRU clock and data signals. (In this mode the VSC8113 operates just like the VSC8111). The receive section
also contains a SONET/SDH frame detector circuit which is used to provide frame pluses during the A1, A2
boundary in the serial to parallel converter. This only occurs when OOF is high. Both internal and external LOS
functions are supported.
VSC8113 Block Diagram
DQ
0
1
0
1
D
Q
0
1
0
1
8
RXOUT[7:0]
RXLSCKOUT
FP
OOF
EQULOOP
TXDATAOUT+/-
TXCLKOUT+/-
8
TXIN[7:0]
TXLSCKOUT
TXLSCKIN
0
1
FACLOOP
LOOPTIM0
REFCLK
LOOPTIM1
CMU
Divide-by-8
1:8
DEMUX
FRAMER
Divide-by-8
8:1
MUX
0
1
DQ
QD
Divide-by-3/12
RX50MCK
EQULOOP
CRU
RXCLKIN+/-
DSBLCRU
0
1
0
1
1
0
CRULOCKDET
LOSOUT
CMULOCKDET
losdet
REFCLKP+/-
LOSTTL
LOSPECL
LOSDETEN_
REC-DATA
REC-CLK
0
1
0
1
CRUREFCLK
CRUREFSEL
cmurefclk
RXDATAIN+/-
CRUEQLP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28