Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

POTH442103C350 Fiches technique(PDF) 8 Page - Vishay Siliconix

No de pièce POTH442103C350
Description  Single-Turn Continuous Rotation Analog Displacement Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

POTH442103C350 Fiches technique(HTML) 8 Page - Vishay Siliconix

Back Button POTH442103C350 Datasheet HTML 3Page - Vishay Siliconix POTH442103C350 Datasheet HTML 4Page - Vishay Siliconix POTH442103C350 Datasheet HTML 5Page - Vishay Siliconix POTH442103C350 Datasheet HTML 6Page - Vishay Siliconix POTH442103C350 Datasheet HTML 7Page - Vishay Siliconix POTH442103C350 Datasheet HTML 8Page - Vishay Siliconix POTH442103C350 Datasheet HTML 9Page - Vishay Siliconix POTH442103C350 Datasheet HTML 10Page - Vishay Siliconix POTH442103C350 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
POHR36, POHR44, POTH44, POTH50, POTH76
www.vishay.com
Vishay MCB
Revision: 02-Mar-17
8
Document Number: 32521
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters
POTH44
Number of cups:
123
4
L:
26.5
42
57.5
73
POTH44 WITH CONNECTOR (ON REQUEST)
25°
25°
R32
max.
7.6 min.
1.9 + 0.2
- 0.1
1.6 ± 0.1
1.6 ± 0.1
25 ± 0.5
L ± 0.5
Slot width: 0.8 ± 0.2
Depth: 1 ± 0.4
Approximate electrical zero
View A
Clockwise
Viewed shaft side
Green
(b)
Red
(c)
Yellow
(a)
A
Connector: ref. souriau 810 6R10 06 PN01
or ref. deutsch 910 6R10 06 PN01
a
b
c
d
e
f
Hexagonal:
5 on flat
4 ± 0.1
Ø 6.35 0
- 0.013
1.02 ± 0.076
10.9 min.
16.7 min.
3.353 ± 0.076
2.362 ± 0.076
1.981 ± 0.127
25 ± 0.5
25 ± 0.5
3 wires AWG26
Length: 300 mm
40° max.
3 x M4 at 120°
Depth of tapping: 8 mm
Ø 31.75
Approximate electrical zero
Slot width: 0.8 ± 0.2
Depth: 1 ± 0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com