| Moteur de recherche de fiches techniques de composants électroniques |
|
D2302-R-JAPB Fiches technique(PDF) 2 Page - TT Electronics. |
|
|
|||||||||||||||||||||||||||||
D2302-R-JAPB Fiches technique(HTML) 2 Page - TT Electronics. |
|
2 / 3 page ![]() SOT23 Surface Mount Voltage Divider DIV23 Series DIV23 Series Issue October 2009 Sheet 2 of 2 • 4222 South Staples Street • Corpus Christi Texas 78411 USA © IRC Advanced Film Division Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com SOT23 Surface Mount Voltage Divider Physical Data Ordering Procedure Prefix SOT - DIV23LF - 01 - 1002 - 1002 - F B Style DIV23 = Divider network with standard Sn/Pb termination DIV23LF= Divider network with Pb-free termination Absolute TCR Code 00 = ±250ppm/°C; 01 = ±100ppm/°C; 02 = ±50ppm/°C; 03 = ±25ppm/°C R1 Resistance Code 4-Digit Resistance Code Ex: 1002 = 10KW; 50R1 = 50.1W R2 Resistance Code 4-Digit Resistance Code Ex: 1002 = 10KW; 50R1 = 50.1W Absolute Tolerance Code K = ±10%; J = ±5%; G = ±2%; F = ±1%; D = ±0.5%; C = ±0.25%; B = ±0.1% Ratio Tolerance Code G = ±2%; F = ±1%; D = ±0.5%; C = ±0.25%; B = ±0.1%; A = ±0.05% Packaging Standard packaging is tape & reel. SOT23 Series Legacy Design Note The SOT-DIV23 place R1 between pins 1 and 3 and R2 between pins 2 and 3. The SOT-SOT23 place R1 between pins 2 and 3 and R2 between pins 1 and 3. For additional information or to discuss your specific requirements, please contact our Applications Team using the contact details below. Power Derating Data 25° 70° 125° 100 50 10 Temperature in °C Schematic Data R2 R1 1 2 3 Viewed from top of part Note: Dimensions do not include mold flash and metal burr. DIV23 Series Issue October 2009 Sheet 2 of 2 • 4222 South Staples Street • Corpus Christi Texas 78411 USA © IRC Advanced Film Division Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com SOT23 Surface Mount Voltage Divider Physical Data Ordering Procedure Prefix SOT - DIV23LF - 01 - 1002 - 1002 - F B Style DIV23 = Divider network with standard Sn/Pb termination DIV23LF= Divider network with Pb-free termination Absolute TCR Code 00 = ±250ppm/°C; 01 = ±100ppm/°C; 02 = ±50ppm/°C; 03 = ±25ppm/°C R1 Resistance Code 4-Digit Resistance Code Ex: 1002 = 10KW; 50R1 = 50.1W R2 Resistance Code 4-Digit Resistance Code Ex: 1002 = 10KW; 50R1 = 50.1W Absolute Tolerance Code K = ±10%; J = ±5%; G = ±2%; F = ±1%; D = ±0.5%; C = ±0.25%; B = ±0.1% Ratio Tolerance Code G = ±2%; F = ±1%; D = ±0.5%; C = ±0.25%; B = ±0.1%; A = ±0.05% Packaging Standard packaging is tape & reel. SOT23 Series Legacy Design Note The SOT-DIV23 place R1 between pins 1 and 3 and R2 between pins 2 and 3. The SOT-SOT23 place R1 between pins 2 and 3 and R2 between pins 1 and 3. For additional information or to discuss your specific requirements, please contact our Applications Team using the contact details below. Power Derating Data 25° 70° 125° 100 50 10 Temperature in °C Schematic Data R2 R1 1 2 3 Viewed from top of part Note: Dimensions do not include mold flash and metal burr. BI Technologies IRC Welwyn 07.14 General Note TT Electronics reserves the right to make changes in product specification without notice or liability. All information is subject to TT Electronics’ own data and is considered accurate at time of going to print. © TT Electronics plc www.ttelectronics.com/resistors |