| Moteur de recherche de fiches techniques de composants électroniques |
|
SLG46108 Fiches technique(PDF) 2 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
SLG46108 Fiches technique(HTML) 2 Page - Dialog Semiconductor |
|
2 / 70 page ![]() 000-0046108-108 Page 1 of 69 SLG46108 1.0 Overview The SLG46108 provides a small, low power component for commonly used mixed-signal functions. The user creates their circuit design by programming the one time Non-Volatile Memory (NVM) to configure the interconnect logic, the I/O Pins and the macrocells of the SLG46108. This highly versatile device allows a wide variety of mixed-signal functions to be designed within a very small, low power single integrated circuit. The macrocells in the device include the following: • Four Combinatorial Look Up Tables (LUTs) • Two 2-bit LUTs • Two 3-bit LUTs • Seven Combination Function Macrocell • Two Selectable D Flip-Flop / Latches (DFF) or 2-bit LUTs • Two Selectable D Flip-Flop / Latches (DFF) or 3-bit LUTs • One Selectable Pipe Delay or 3-bit LUT • Pipe Delay – 8 stage / 2 output • One Selectable Counter/Delay (CNT/DLY) or 4-bit LUT • One Programmable Delay / Deglitch Filter • Three 8-bit Counter / Delay Generators (CNT/DLY) with external clock/reset • RC Oscillator (RC OSC) • Power On Reset (POR) |