Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OVTL01LGAX Fiches technique(PDF) 2 Page - TT Electronics.

No de pièce OVTL01LGAX
Description  Lednium Series Optimal I
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TTELEC [TT Electronics.]
Site Internet  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVTL01LGAX Fiches technique(HTML) 2 Page - TT Electronics.

  OVTL01LGAX Datasheet HTML 1Page - TT Electronics. OVTL01LGAX Datasheet HTML 2Page - TT Electronics. OVTL01LGAX Datasheet HTML 3Page - TT Electronics. OVTL01LGAX Datasheet HTML 4Page - TT Electronics. OVTL01LGAX Datasheet HTML 5Page - TT Electronics. OVTL01LGAX Datasheet HTML 6Page - TT Electronics. OVTL01LGAX Datasheet HTML 7Page - TT Electronics. OVTL01LGAX Datasheet HTML 8Page - TT Electronics. OVTL01LGAX Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Issue B.8 3/09
Page 2 of 10
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Lednium Series Optimal I
OVTL01LGA Series
R1.50
FLUSH MOUNT
Recommended Solder Pattern
CATHODE
2.20
2.90
2.90
0.90
ANODE
1.
Recommend .006 [.015] thick stencil.
2.
Cross-hatching represents solder paste positioning
3.
Dimensions are in inches [mm]
Package Drawing:
SURFACE MOUNT
Recommended Solder Pattern



Html Pages

1 2 3 4 5 6 7 8 9 10