| Moteur de recherche de fiches techniques de composants électroniques |
|
SC14CVMDECT-SF Fiches technique(PDF) 34 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
SC14CVMDECT-SF Fiches technique(HTML) 34 Page - Dialog Semiconductor |
|
34 / 57 page ![]() Datasheet Revision 3.0 28-Jul-2015 CFR0011-120-00-FM Rev 5 34 of 57 © 2013 Dialog Semiconductor SC14CVMDECT SF Cordless Voice Module FINAL Note 15: For the RINGp, RINGn, RINGout function, the Ringing opamp must be enabled with CODEC_TONE_REG[RNG_PD]. For the RINGING input, the RINGING comparator must be enabled CODEC_TONE_REG[RNG_CMP_PD] Note 16: In analog mode make sure P3_DIR_REG[7-3] is set to 0 to disable Pull-up, pull-down and digital output mode. 3-2 R/W P3_1_MODE 00 = P3_OUT_DATA_REG[1] on P3[1]. 01 = PAOUTp on P3[1] 10 = DP1 on P3[1] 11 = DCACHE_HIT on P3[1] /PAOUTp 1 1-0 R/W P3_0_MODE 00 = P3_OUT_DATA_REG[0] on P3[0]. 01 = PAOUTn on P3[0] 10 = DP0 on P3[0] 11 = ICACHE_HIT on P3[0] /PAOUTn 1 NOTE: This register is not reset with a SW reset Table 15: P3_MODE_REG (0xFF4868) Bit Mode Symbol Description Reset |