| Moteur de recherche de fiches techniques de composants électroniques |
|
IPD60R800CE Fiches technique(PDF) 2 Page - Inchange Semiconductor Company Limited |
|
|
|||||||||||||||||||||||||||||
IPD60R800CE Fiches technique(HTML) 2 Page - Inchange Semiconductor Company Limited |
|
2 / 2 page ![]() INCHANGE Semiconductor isc website:www.iscsemi.cn isc & iscsemi is registered trademark 2 isc N-Channel MOSFET Transistor IPD60R800CE,IIPD60R800CE ELECTRICAL CHARACTERISTICS TC=25℃ unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNIT BVDSS Drain-Source Breakdown Voltage VGS=0V; ID=0.25mA 600 V VGS(th) Gate Threshold Voltage VDS=VGS; ID=0.17mA 2.5 3.5 V RDS(on) Drain-Source On-Resistance VGS=10V; ID=2A 0.8 Ω IGSS Gate-Source Leakage Current VGS=20V; VDS=0V 0.1 μ A IDSS Drain-Source Leakage Current VDS=600V; VGS= 0V 1 μ A VSD Diode forward voltage IF=2.5A, VGS = 0V 0.9 V |