Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SSD1850 Fiches technique(PDF) 12 Page - List of Unclassifed Manufacturers

No de pièce SSD1850
Description  CMOS LCD Segment / Common Driver with Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

SSD1850 Fiches technique(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button SSD1850 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 14Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 15Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
SSD1850/51 Series
Rev 1.2
01/2003
SOLOMON
8
Table 1 - SSD1850/51 Die Pad Coordinates
Pad #
SSD
1851
SSD
1850
X-pos Y-pos
Pad #
SSD
1851
SSD
1850
X-pos Y-pos
Pad #
SSD
1851
SSD
1850
X-pos Y-pos
1
N/C
N/C
-5698.05 -830.85
51
VSS
VSS
-1687.2 -863.55
101
C4P
C4P
3016.05 -804.15
2
N/C
N/C
-5620.65 -830.85
52
VSS
VSS
-1611
-863.55
102
C4P
C4P
3097.35 -804.15
3
N/C
N/C
-5543.25 -830.85
53
VSS
VSS
-1534.8 -863.55
103
VSS
VSS
3173.55 -804.15
4
N/C
N/C
-5465.85 -830.85
54
VSS
VSS
-1458.6 -863.55
104
REF
REF
3249.75 -804.15
5
N/C
N/C
-5355.68 -830.85
55
VSS
VSS
-1382.4 -863.55
105
VEXT
VEXT
3366.45 -804.15
6
VSS
VSS
-5279.48 -830.85
56
VSS
VSS
-1306.2 -863.55
106
VDD
VDD
3442.65 -804.15
7
S5150
S5150 -5203.28 -830.85
57
VSS
VSS
-1230
-863.55
107
INTRS
INTRS
3518.85 -804.15
8
VDD
VDD
-5127.08 -830.85
58
VSS
VSS
-1153.8 -863.55
108
VSS
VSS
3595.05 -804.15
9
PS0
PS0
-5050.88 -830.85
59
VSS
VSS
-1077.6 -863.55
109
VL2
VL2
3671.25 -804.15
10
VSS
VSS
-4974.68 -830.85
60
VSS
VSS
-1001.4 -863.55
110
VL2
VL2
3752.55 -804.15
11
VDD
VDD
-4898.48 -830.85
61
VSS
VSS
-925.2
-863.55
111
VL2
VL2
3833.85 -804.15
12
PS1
PS1
-4822.28 -830.85
62
VSS
VSS
-849
-863.55
112
VL3
VL3
3915.15 -804.15
13
VSS
VSS
-4746.08 -830.85
63
VSS
VSS
-772.8
-863.55
113
VL3
VL3
3996.45 -804.15
14
CS#
CS#
-4669.88 -830.85
64
VSS
VSS
-696.6
-863.55
114
VL3
VL3
4077.75 -804.15
15
CS#
CS#
-4593.68 -830.85
65
VSS
VSS
-620.4
-863.55
115
VL4
VL4
4159.05 -804.15
16
VDD
VDD
-4517.48 -830.85
66
VSS
VSS
-544.2
-863.55
116
VL4
VL4
4240.35 -804.15
17
RES#
RES#
-4441.28 -830.85
67
VSS
VSS
-468
-863.55
117
VL4
VL4
4321.65 -804.15
18
D/C
D/C
-4365.08 -830.85
68
VSS
VSS
-391.8
-863.55
118
VL5
VL5
4402.95 -804.15
19
D/C
D/C
-4288.88 -830.85
69
VSS
VSS
-315.6
-863.55
119
VL5
VL5
4484.25 -804.15
20
D/C
D/C
-4212.68 -830.85
70
VSS
VSS
-239.4
-863.55
120
VL5
VL5
4565.55 -804.15
21
VSS
VSS
-4136.48 -830.85
71
VSS
VSS
-163.2
-863.55
121
VL6
VL6
4646.85 -804.15
22
R/W
(WR#)
R/W
(WR#)
-4060.28 -830.85
72
VSS
VSS
-87
-863.55
122
VL6
VL6
4728.15 -804.15
23
R/W
(WR#)
R/W
(WR#)
-3984.08 -830.85
73
VSS
VSS
-10.8
-863.55
123
VL6
VL6
4809.45 -804.15
24
E(RD#) E(RD#) -3907.88 -830.85
74
VSS
VSS
65.4
-863.55
124
VR
VR
4926.15 -804.15
25
E(RD#) E(RD#) -3831.68 -830.85
75
VSS
VSS
141.6
-863.55
125
VR
VR
5002.35 -804.15
26
VDD
VDD
-3755.48 -830.85
76
VCC
VCC
872.55
-804.15
126
VSS
VSS
5078.55 -804.15
27
D0
D0
-3679.28 -830.85
77
VCC
VCC
953.85
-804.15
127
CL
CL
5154.75 -804.15
28
D1
D1
-3603.08 -830.85
78
VCC
VCC
1035.15 -804.15
128
N/C
N/C
5267.55 -830.85
29
D2
D2
-3526.88 -830.85
79
VCC
VCC
1116.45 -804.15
129
N/C
N/C
5344.95 -830.85
30
D3
D3
-3450.68 -830.85
80
C5P
N/C
1197.75 -804.15
130
N/C
N/C
5422.35 -830.85
31
D4
D4
-3374.48 -830.85
81
C5P
N/C
1279.05 -804.15
131
N/C
N/C
5974.20 -898.05
32
D5
D5
-3298.28 -830.85
82
C5P
N/C
1360.35 -804.15
132
N/C
N/C
5974.20 -665.25
33
D6
D6
-3222.08 -830.85
83
C3P
C3P
1441.65 -804.15
133
N/C
N/C
5974.20 -600.45
34
D6
D6
-3145.88 -830.85
84
C3P
C3P
1522.95 -804.15
134
COM39
N/C
5974.20 -535.65
35
D7
D7
-3069.68 -830.85
85
C3P
C3P
1604.25 -804.15
135
COM38
N/C
5974.20 -470.85
36
D7
D7
-2993.48 -830.85
86
C1N
C1N
1685.55 -804.15
136
COM37
N/C
5974.20 -406.05
37
VDD
VDD
-2917.28 -830.85
87
C1N
C1N
1766.85 -804.15
137
COM36
N/C
5974.20 -341.25
38
VDD
VDD
-2841.08 -830.85
88
C1N
C1N
1848.15 -804.15
138
COM35
N/C
5974.20 -276.45
39
VDD
VDD
-2764.88 -830.85
89
C1N
C1N
1929.45 -804.15
139
COM34
N/C
5974.20 -211.65
40
VCI
VCI
-2620.05 -804.15
90
C1P
C1P
2066.25 -804.15
140
COM33
N/C
5974.20 -146.85
41
VCI
VCI
-2538.75 -804.15
91
C1P
C1P
2147.55 -804.15
141
COM32
N/C
5974.20
-82.05
42
VCI
VCI
-2457.45 -804.15
92
C1P
C1P
2228.85 -804.15
142
COM31 COM31 5974.20
-17.25
43
VCI
VCI
-2376.15 -804.15
93
C2P
C2P
2310.15 -804.15
143
COM30 COM30 5974.20
47.55
44
VSS
VSS
-2266.35 -804.15
94
C2P
C2P
2391.45 -804.15
144
COM29 COM29 5974.20
112.35
45
VSS
VSS
-2190.15 -804.15
95
C2P
C2P
2472.75 -804.15
145
COM28 COM28 5974.20
177.15
46
VSS
VSS
-2113.95 -804.15
96
C2N
C2N
2554.05 -804.15
146
COM27 COM27 5974.20
241.95
47
VSS
VSS
-2037.75 -804.15
97
C2N
C2N
2635.35 -804.15
147
COM26 COM26 5974.20
306.75
48
VSS
VSS
-1961.55 -804.15
98
C2N
C2N
2716.65 -804.15
148
COM25 COM25 5974.20
371.55
49
VSS
VSS
-1885.35 -804.15
99
C2N
C2N
2797.95 -804.15
149
COM24 COM24 5974.20
436.35
50
VSS
VSS
-1763.4 -863.55
100
C4P
C4P
2934.75 -804.15
150
COM23 COM23 5974.20
501.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56