Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD830 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD830
Description  High Speed, Video Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD830 Fiches technique(HTML) 4 Page - Analog Devices

  AD830 Datasheet HTML 1Page - Analog Devices AD830 Datasheet HTML 2Page - Analog Devices AD830 Datasheet HTML 3Page - Analog Devices AD830 Datasheet HTML 4Page - Analog Devices AD830 Datasheet HTML 5Page - Analog Devices AD830 Datasheet HTML 6Page - Analog Devices AD830 Datasheet HTML 7Page - Analog Devices AD830 Datasheet HTML 8Page - Analog Devices AD830 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD830
Data Sheet
Rev. D | Page 4 of 20
AD830J/AD830A
AD830S1
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
POWER SUPPLIES
Operating Range
±4
±16.5
± 4
±16.5
V
Quiescent Current
TMIN – TMAX
14.5
17
14.5
17
mA
+PSRR (to VP)
DC, G = +1
86
86
dB
−PSRR (to VN)
DC, G = +1
68
68
dB
PSRR
DC, G = +1, ±5 to ±15 VS
66
71
66
71
dB
PSRR
DC, G = +1, ±5 to ±15 VS
TMIN − TMAX
62
68
60
68
dB
1
See the Standard Military Drawing 5962-9313001MPA for specifications.
2
Clipping level function on X channel only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20