Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FN15966 Fiches technique(PDF) 36 Page - Ledil, Inc.

No de pièce FN15966
Description  Ronda Assembly
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEDIL [Ledil, Inc.]
Site Internet  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN15966 Fiches technique(HTML) 36 Page - Ledil, Inc.

Back Button FN15966 Datasheet HTML 28Page - Ledil, Inc. FN15966 Datasheet HTML 29Page - Ledil, Inc. FN15966 Datasheet HTML 30Page - Ledil, Inc. FN15966 Datasheet HTML 31Page - Ledil, Inc. FN15966 Datasheet HTML 32Page - Ledil, Inc. FN15966 Datasheet HTML 33Page - Ledil, Inc. FN15966 Datasheet HTML 34Page - Ledil, Inc. FN15966 Datasheet HTML 35Page - Ledil, Inc. FN15966 Datasheet HTML 36Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
NOTE: The typical divergence will be changed by different color, chip size and chip position
tolerance. The typical total divergence is the full angle measured where the luminous intensity
is half of the peak value.
GENERAL INFORMATION
- Product series especially designed & optimized for series of LEDs.
- Special care taken to make light distribution as uniform as possible.
Note! Due to use of high power COB's with this product, special attention to proper thermal design is highly
recommended. LEDiL has no liability for direct, indirect or consecutive damages arising from the LEDiL
products being used outside of the recommended temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36