Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FN15268 Fiches technique(PDF) 43 Page - Ledil, Inc.

No de pièce FN15268
Description  Angelette RefPack
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEDIL [Ledil, Inc.]
Site Internet  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN15268 Fiches technique(HTML) 43 Page - Ledil, Inc.

Back Button FN15268 Datasheet HTML 35Page - Ledil, Inc. FN15268 Datasheet HTML 36Page - Ledil, Inc. FN15268 Datasheet HTML 37Page - Ledil, Inc. FN15268 Datasheet HTML 38Page - Ledil, Inc. FN15268 Datasheet HTML 39Page - Ledil, Inc. FN15268 Datasheet HTML 40Page - Ledil, Inc. FN15268 Datasheet HTML 41Page - Ledil, Inc. FN15268 Datasheet HTML 42Page - Ledil, Inc. FN15268 Datasheet HTML 43Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 43 / 43 page
background image
NOTE: The typical divergence will be changed by different color, chip size and chip position
tolerance. The typical total divergence is the full angle measured where the luminous intensity
is half of the peak value.
GENERAL INFORMATION
- Product series especially designed & optimized for series of LEDs.
- Special care taken to make light distribution as uniform as possible.
Note! Due to use of high power COB's with this product, special attention to proper thermal design is highly
recommended. LEDiL has no liability for direct, indirect or consecutive damages arising from the LEDiL
products being used outside of the recommended temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43