Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SW201 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce SW201
Description  QUAD SPST JFET ANALOG SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

SW201 Fiches technique(HTML) 5 Page - Analog Devices

  SW201 Datasheet HTML 1Page - Analog Devices SW201 Datasheet HTML 2Page - Analog Devices SW201 Datasheet HTML 3Page - Analog Devices SW201 Datasheet HTML 4Page - Analog Devices SW201 Datasheet HTML 5Page - Analog Devices SW201 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TABLE II NOTES
1/
PDA applies to Subgroup 1. Exclude delta's from PDA.
2/
See Table III for delta parameters. See Table I for test conditions.
5.1
HTRB is not applicable for this drawing.
5.2
Burn-in is per MIL-STD-883 Method 1015 test condition C.
5.3
Steady state life test is per MIL-STD-883 Method 1005.



Html Pages

1 2 3 4 5 6