| Moteur de recherche de fiches techniques de composants électroniques |
|
MAT03 Fiches technique(PDF) 1 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
MAT03 Fiches technique(HTML) 1 Page - Analog Devices |
|
1 / 5 page ![]() This specification documents the detail requirements for space qualified product manufactured on Analog Devices, Inc.'s QML certified line per MIL-PRF-38535 Level V except as modified herein. The manufacturing flow described in the STANDARD SPACE LEVEL PRODUCTS PROGRAM brochure is to be considered a part of this specification. http://www.analog.com/aerospace This data sheet specifically details the space grade version of this product. A more detailed operational description and a complete data sheet for commercial product grades can be found at www.analog.com/MAT03 The complete part number(s) of this specification follow: Part Number Description MAT03-903L Low noise, matched, dual PNP transistor Letter Descriptive designator Case Outline (Lead Finish per MIL-PRF-38535) L GDFP1-F10 10-Lead ceramic flatpack (cerpak) Figure 1 - Terminal connections. 1/ Substrate is normally connected to the most negative circuit potential, but can be floated. |
Numéro de pièce similaire - MAT03 |
|
Description similaire - MAT03 |