Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADG201S Fiches technique(PDF) 6 Page - Analog Devices

No de pièce ADG201S
Description  High Speed Quad SPST CMOS Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADG201S Fiches technique(HTML) 6 Page - Analog Devices

  ADG201S Datasheet HTML 1Page - Analog Devices ADG201S Datasheet HTML 2Page - Analog Devices ADG201S Datasheet HTML 3Page - Analog Devices ADG201S Datasheet HTML 4Page - Analog Devices ADG201S Datasheet HTML 5Page - Analog Devices ADG201S Datasheet HTML 6Page - Analog Devices ADG201S Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
5.1
HTRB is not applicable for this drawing.
5.2
Burn-in is per MIL-STD-883 Method 1015 test condition B or C.
5.3
Steady state life test is per MIL-STD-883 Method 1005.
6.1
Full WLA per MIL-STD-883 TM 5007 is not available for this product fabricated in a QMLQ wafer
process facility. SEM Inspection only is available per MIL-STD-883, TM2018.



Html Pages

1 2 3 4 5 6 7