Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MM54HC133 Fiches technique(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce MM54HC133
Description  13-Input NAND Gate
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC133 Fiches technique(HTML) 3 Page - National Semiconductor (TI)

  MM54HC133 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC133 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC133 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC133 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AC Electrical Characteristics VCCe5V TAe25 C CLe15 pF tretfe6ns
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
tPHL tPLH
Maximum Propagation Delay
ns
AC Electrical Characteristics VCCe20V to 60V CLe50 pF tretfe6 ns (unless otherwise specified)
TAe25 C
74HC
54HC
Symbol
Parameter
Conditions
VCC
TAeb40 to 85 CTAeb55 to 125 C
Units
Typ
Guaranteed Limits
tPHL
Maximum Propagation
V
ns
tPLH
Delay
V
ns
V
ns
tTLH
Maximum
V
ns
tTHL
Output Rise and
V
ns
Fall Time
V
ns
CPD
Power Dissipation
pF
Capacitance Note
CIN
Maximum Input Capacitance
pF
Note 5
CPD determines the no load dynamic power consumption PDeCPD VCC2 faICC VCC and the no load dynamic current consumption ISeCPD VCC faICC
Physical Dimensions inches (millimeters)
Ceramic Dual-In-Line Package (J)
Order Number MM54HC133J or MM74HC133J
NS Package Number J16A
3



Html Pages

1 2 3 4