| Moteur de recherche de fiches techniques de composants électroniques |
|
LM75AD Fiches technique(PDF) 14 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LM75AD Fiches technique(HTML) 14 Page - NXP Semiconductors |
|
14 / 18 page ![]() Philips Semiconductors Product data sheet LM75A Digital temperature sensor and thermal Watchdog ™ 2004 Oct 05 14 SL01397 123456789 1234 56789 D7 D6 D5 D4 D3 D2 D1 A D4 D3 D2 D1 A D0 SCL (cont.) SDA (cont.) LS BYTE DATA DEVICE ACKNOWLEDGE DEVICE ACKNOWLEDGE D7 D6 D5 P STOP 123456789 1234 56789 1001 A2 A1 A0 P0 W A 0000 00 P1 S A DEVICE ADDRESS POINTER BYTE SCL SDA START WRITE DEVICE ACKNOWLEDGE DEVICE ACKNOWLEDGE (next) (next) D0 MS BYTE DATA Figure 9. Write Tos or Thyst register (2-byte data). SL01396 123456789 1234 56789 1001 A2 A1 A0 R A D4 D3 D2 D1 A ′ D0 DEVICE ADDRESS SCL (cont.) SDA (cont.) MS BYTE FROM DEVICE READ DEVICE ACKNOWLEDGE MASTER ACKNOWLEDGE D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 123456789 P MASTER NOT ACKNOWLEDGED STOP NA LS BYTE FROM DEVICE 123456789 1234 56789 1001 A2 A1 A0 P0 W A 0000 00 P1 S A DEVICE ADDRESS POINTER BYTE SCL SDA START WRITE DEVICE ACKNOWLEDGE DEVICE ACKNOWLEDGE 0 RE-START RS (next) (next) Figure 10. Read Temp or Tos or Thyst register including Pointer byte (2-byte data). SL01395 123456789 1234 56789 1001 A2 A1 A0 R A S D4 D3 D2 D1 A ′ D0 DEVICE ADDRESS SCL SDA MS BYTE FROM DEVICE START READ DEVICE ACKNOWLEDGE MASTER ACKNOWLEDGE D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 123456789 P MASTER NOT ACKNOWLEDGED STOP NA LS BYTE FROM DEVICE Figure 11. Read Temp or Tos or Thyst register with preset Pointer (2-byte data). |