Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9675KBCZ Fiches technique(PDF) 15 Page - Analog Devices

No de pièce AD9675KBCZ
Description  Octal Ultrasound AFE with JESD204B
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9675KBCZ Fiches technique(HTML) 15 Page - Analog Devices

Back Button AD9675KBCZ Datasheet HTML 11Page - Analog Devices AD9675KBCZ Datasheet HTML 12Page - Analog Devices AD9675KBCZ Datasheet HTML 13Page - Analog Devices AD9675KBCZ Datasheet HTML 14Page - Analog Devices AD9675KBCZ Datasheet HTML 15Page - Analog Devices AD9675KBCZ Datasheet HTML 16Page - Analog Devices AD9675KBCZ Datasheet HTML 17Page - Analog Devices AD9675KBCZ Datasheet HTML 18Page - Analog Devices AD9675KBCZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 61 page
background image
AD9675
Data Sheet
Rev. A | Page 14 of 60
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
B5, B6, B8, C5, C6, C7, C8, D5, D6, D7, D8,
E1, E5, E6, E7, E8, E12, F2, F4, F6, F7, F9,
F11, G1, G3, G5, G6, G7, G8, G10, G12,
H3, H4, H5, H6, J4, K1, K2, K4, M1, M12
GND
Ground. These pins are tied to a quiet analog ground.
F1, F3, F5, F8, F10, F12, G2, G9
AVDD1
1.8 V Analog Supply.
G4, G11
DVDD
1.4 V Digital Supply.
E2, E3, E4, E9, E10, E11, J6, K6
AVDD2
3.0 V Analog Supply.
B7
CLNA
LNA External Capacitor.
L1, L12
DRVDD
1.8 V Digital Output Driver Supply.
C1
LO-E
LNA Analog Inverted Output for Channel E.
D1
LOSW-E
LNA Analog Switched Output for Channel E.
A1
LI-E
LNA Analog Input for Channel E.
B1
LG-E
LNA Ground for Channel E.
C2
LO-F
LNA Analog Inverted Output for Channel F.
D2
LOSW-F
LNA Analog Switched Output for Channel F.
A2
LI-F
LNA Analog Input for Channel F.
B2
LG-F
LNA Ground for Channel F.
C3
LO-G
LNA Analog Inverted Output for Channel G.
D3
LOSW-G
LNA Analog Switched Output for Channel G.
A3
LI-G
LNA Analog Input for Channel G.
B3
LG-G
LNA Ground for Channel G.
C4
LO-H
LNA Analog Inverted Output for Channel H.
D4
LOSW-H
LNA Analog Switched Output for Channel H.
A4
LI-H
LNA Analog Input for Channel H.
B4
LG-H
LNA Ground for Channel H.
H1
CLK−
Clock Input Complement.
J1
CLK+
Clock Input True.
H2
TX_TRIG−
Transmit Trigger Complement.
J2
TX_TRIG+
Transmit Trigger True.
H11
ADDR0
Chip Address Bit 0.
H10
ADDR1
Chip Address Bit 1.
H9
ADDR2
Chip Address Bit 2.
H8
ADDR3
Chip Address Bit 3.
H7
ADDR4
Chip Address Bit 4.
L2, M2, L3, M3, L10, M10, L11, M11
NIC
Not Internally Connected. These pins are not connected internally. Allow the
NIC pins to float, or connect them to ground. Avoid routing high speed signals
through these pins because noise coupling may result.
L4
SYNCINB+
Active Low JESD204B LVDS SYNC Input—True.
M4
SYNCINB−
Active Low JESD204B LVDS SYNC Input—Complement.
M5
SERDOUT4−
Serial Lane 4 CML Output Data—Complement.
L5
SERDOUT4+
Serial Lane 4 CML Output Data—True.
M6
SERDOUT3−
Serial Lane 3 CML Output Data—Complement.
L6
SERDOUT3+
Serial Lane 3 CML Output Data—True.
M7
SERDOUT2−
Serial Lane 2 CML Output Data—Complement.
L7
SERDOUT2+
Serial Lane 2 CML Output Data—True.
M8
SERDOUT1−
Serial Lane 1 CML Output Data—Complement.
L8
SERDOUT1+
Serial Lane 1 CML Output Data—True.
M9
SYSREF−
Active Low JESD204B LVDS System Reference (SYSREF) Input—Complement.
L9
SYSREF+
Active Low JESD204B LVDS SYSREF Input—True.
K11
STBY
Standby Power-Down.
J11
PDWN
Full Power-Down.
K12
SCLK
Serial Clock.
J12
SDIO
Serial Data Input/Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61