Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STWBC-EP Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STWBC-EP
Description  Digital controller for wireless battery chargers transmitters for Qi 15 W applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC-EP Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button STWBC-EP Datasheet HTML 2Page - STMicroelectronics STWBC-EP Datasheet HTML 3Page - STMicroelectronics STWBC-EP Datasheet HTML 4Page - STMicroelectronics STWBC-EP Datasheet HTML 5Page - STMicroelectronics STWBC-EP Datasheet HTML 6Page - STMicroelectronics STWBC-EP Datasheet HTML 7Page - STMicroelectronics STWBC-EP Datasheet HTML 8Page - STMicroelectronics STWBC-EP Datasheet HTML 9Page - STMicroelectronics STWBC-EP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Description
STWBC-EP
6/32
DocID030747 Rev 1
1
Description
The STWBC-EP is the digital controller for the wireless battery charger (WBC) transmitters
(TX) from STMicroelectronics optimized for Extended Power Profile (EPP) Wireless Power
Consortium (WPC) 1.2 certified applications up to 15 W.
It offers the most flexible and efficient solution for controlling the power transfer to a receiver
(RX) in WBC-enabled applications such as smartphones, tablets and other battery-powered
devices that use the electromagnetic induction for recharging.
The TX is responsible for controlling the transmitting coil and generating the correct amount
of power requested by the RX. The RX continuously provides the transmitter with the correct
power level requested, by modulating the transmitter carrier through the controlled resistive
or capacitive load. Generating the correct amount of power ensures the highest level of end-
to-end efficiency due to reduced energy losses. It also helps maintaining a lower operational
temperature.
The TX can adapt to the amount of energy transferred by the coil by modulating the
frequency, duty cycle or amplitude of the PWM voltage on the transmitting coil.
The STWBC-EP is capable of bidirectional communication with the RX as specified by the
WPC 1.2 protocol.
Figure 1. Wireless charging system description
The STWBC-EP firmware is specifically designed to take advantage of the hardware to
monitor and control the correct wireless charging operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32