Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA1088 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce STA1088
Description  Telemaco2 family of telematics and connectivity microprocessors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1088 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button STA1088 Datasheet HTML 8Page - STMicroelectronics STA1088 Datasheet HTML 9Page - STMicroelectronics STA1088 Datasheet HTML 10Page - STMicroelectronics STA1088 Datasheet HTML 11Page - STMicroelectronics STA1088 Datasheet HTML 12Page - STMicroelectronics STA1088 Datasheet HTML 13Page - STMicroelectronics STA1088 Datasheet HTML 14Page - STMicroelectronics STA1088 Datasheet HTML 15Page - STMicroelectronics STA1088 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Package information
STA1074, STA1078, STA1079, STA1088
12/16
DocID028356 Rev 1
3.2
LFBGA361 (16x16x1.7 mm) package information
Figure 5. LFBGA361 (16x16x1.7 mm) package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16