Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST25DV04K Fiches technique(PDF) 77 Page - STMicroelectronics

No de pièce ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Fiches technique(HTML) 77 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 73Page - STMicroelectronics ST25DV04K Datasheet HTML 74Page - STMicroelectronics ST25DV04K Datasheet HTML 75Page - STMicroelectronics ST25DV04K Datasheet HTML 76Page - STMicroelectronics ST25DV04K Datasheet HTML 77Page - STMicroelectronics ST25DV04K Datasheet HTML 78Page - STMicroelectronics ST25DV04K Datasheet HTML 79Page - STMicroelectronics ST25DV04K Datasheet HTML 80Page - STMicroelectronics ST25DV04K Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 220 page
background image
DocID027603 Rev 4
77/220
ST25DV04K ST25DV16K ST25DV64K
ST25DVxxx specific features
219
Figure 22. RF security sessions management
The dedicated password commands in I2C mode are:
•
I2C Write Password command: see Section 6.6.2: I2C write password command
description.
•
I2C Present Password command: see Section 6.6.2: I2C write password command
description.
I2C host possible actions for security sessions are:
•
Open I2C security session: I2C Present Password command with valid I2C password.
•
Write I2C password: I2C Present Password command with valid I2C password. Then
I2C Write Password command with new I2C password.
•
Close I2C security session: I2C Present Password command with wrong I2C
password. Or remove tag VCC power supply (POR).
•
Check if I2C security session is open: I2C host can read the current status (open or
closed) of I2C security session by reading the I2C_SSO_Dyn register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More