Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPWF04SA Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce SPWF04SA
Description  Standalone and Serial-to-Wi-Fi b/g/n intelligent modules
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPWF04SA Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button SPWF04SA Datasheet HTML 18Page - STMicroelectronics SPWF04SA Datasheet HTML 19Page - STMicroelectronics SPWF04SA Datasheet HTML 20Page - STMicroelectronics SPWF04SA Datasheet HTML 21Page - STMicroelectronics SPWF04SA Datasheet HTML 22Page - STMicroelectronics SPWF04SA Datasheet HTML 23Page - STMicroelectronics SPWF04SA Datasheet HTML 24Page - STMicroelectronics SPWF04SA Datasheet HTML 25Page - STMicroelectronics SPWF04SA Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Regulatory compliance
SPWF04SA, SPWF04SC
22/27
DocID029757 Rev 5
Modular approval, FCC and IC
FCC ID: S9NSPWFS04
IC: 8976C-SPWFS04
In accordance with FCC part 15, the modules SPWF04SA and SPWF04SC are listed
above as a modular transmitter device.
Labeling instructions
When integrating the SPWF04SA and SPWF04SC into the final product, it must be
ensured that the FCC labeling requirements specified below are satisfied. Based on the
Public Notice from FCC, the product into which the ST transmitter module is installed must
display a label referring to the enclosed module. The label should use wording like the
following:
Contains Transmitter Module
FCC ID: S9NSPWFS04
IC: 8976C-SPWFS04
Any similar wording that expresses the same meaning may also be used.
10.2.2
CE
This module complies with the following European EMI/EMC and safety directives and
standards:
EN 301 489-17 V3.1.1 (2017-02)
EN 301 489-1 V2.1.1 (2017-02)
EN 60950-1:2006 + A11:2009 + A1:2010 + A12:2011 + A2:2013
EN 62479:2010
EN 300 328 V2.1.1 (2016-11)
The module is provided by CE marking:
Figure 10: CE label
For additional information please refer to:
STMicroelectronics Via C. Olivetti , 2 Agrate Brianza 20864 (ITALY)
The SPWF04SA / (SPWF04SC) module current production firmware release is:
1.x
(If needed, for module firmware update please refer to www.st.com)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27