| Moteur de recherche de fiches techniques de composants électroniques |
|
4412FML Fiches technique(PDF) 3 Page - ebm-papst |
|
|
|||||||||||||||||||||||||||||
4412FML Fiches technique(HTML) 3 Page - ebm-papst |
|
3 / 3 page ![]() 171 Available on request: – Electrically isolated speed signal circuit – Varying voltage potentials for power and logic circuit Type VDC mA VDC mA mA Page 7214 N/12 £ 0.4 2 2.5–5.5 1 £ 20 70 6424/12 H £ 0.4 2 2.5–5.5 1 £ 20 71 DV 6424/12 £ 0.4 2 4.5–5.25 2 £ 12 73 DV 6448/12 £ 0.4 2 4.5–5.25 2 £ 12 73 RG 125-19/12 N/12 £ 0.4 1 2.5–5.5 1 £ 1 103 RG 160-28/12 N/12 £ 0.4 2 2.5–5.5 1 £ 5 104 RG 160-28/18 N/12 £ 0.4 2 2.5–5.5 1 £ 20 104 RER 125-19/12 N/12 £ 0.4 1 2.5–5.5 1 £ 1 116 RER 160-28/12 N/12 £ 0.4 2 2.5–5.5 1 £ 5 118 RER 160-28/18 N/12 £ 0.4 2 2.5–5.5 1 £ 20 118 Subject to change Signal data Note: Fans that come with these fan specials could have variations with respect to the temperature range, voltage range, and power consumption compared to standard fans without specials. |