Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L2N7002SWT1G Fiches technique(PDF) 7 Page - Leshan Radio Company

No de pièce L2N7002SWT1G
Description  Small Signal MOSFET 380 mAmps, 60 Volts
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LRC [Leshan Radio Company]
Site Internet  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2N7002SWT1G Fiches technique(HTML) 7 Page - Leshan Radio Company

  L2N7002SWT1G Datasheet HTML 1Page - Leshan Radio Company L2N7002SWT1G Datasheet HTML 2Page - Leshan Radio Company L2N7002SWT1G Datasheet HTML 3Page - Leshan Radio Company L2N7002SWT1G Datasheet HTML 4Page - Leshan Radio Company L2N7002SWT1G Datasheet HTML 5Page - Leshan Radio Company L2N7002SWT1G Datasheet HTML 6Page - Leshan Radio Company L2N7002SWT1G Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
L2N7002SWT1G, S-L2N7002SWT1G
Small Signal MOSFET
8.OUTLINE AND DIMENSIONS
Notes:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD
FINISH. MINIMUM LEAD THICKNESS IS THE MINIMUM
THICKNESS OF BASE MATERIAL.
4. DIMENSIONS D AND E DO NOT INCLUDE MOLD
FLASH, PROTRUSIONS OR GATE BURRS.
9.SOLDERING FOOTPRINT
NOM
0.00
0.05
0.10
2.10
2.20
0.071 0.083 0.087
0.004
A2
A1
D
0.000 0.002
c
1.80
0.70REF
0.028REF
DIM
MILLIMETERS
INCHES
0.80
0.90
b
0.10
MAX
A
0.010
0.18
0.25
0.004
0.014 0.016
0.007
1.00
0.032 0.035 0.039
MIN
NOM
MAX
MIN
1.15
1.24
1.35
0.045 0.049 0.053
HE
2.00
2.10
2.40
0.079 0.083 0.095
E
e
e1
0.65REF
0.026REF
L
0.20
0.38
0.56
0.008 0.015 0.022
0.055
1.20
1.30
1.40
0.047 0.051
0.30
0.35
0.40
0.012
Leshan Radio Company, LTD.
Rev.A
Dec 2016
7/7



Html Pages

1 2 3 4 5 6 7