Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L78L33CZAP Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce L78L33CZAP
Description  POSITIVE VOLTAGE REGULATORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78L33CZAP Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button L78L33CZAP Datasheet HTML 16Page - STMicroelectronics L78L33CZAP Datasheet HTML 17Page - STMicroelectronics L78L33CZAP Datasheet HTML 18Page - STMicroelectronics L78L33CZAP Datasheet HTML 19Page - STMicroelectronics L78L33CZAP Datasheet HTML 20Page - STMicroelectronics L78L33CZAP Datasheet HTML 21Page - STMicroelectronics L78L33CZAP Datasheet HTML 22Page - STMicroelectronics L78L33CZAP Datasheet HTML 23Page - STMicroelectronics L78L33CZAP Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
L78L00 SERIES
23/24
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
180
7.086
C
12.8
13.0
13.2
0.504
0.512
0.519
D
20.2
0.795
N
60
2.362
T
14.4
0.567
Ao
4.70
4.80
4.90
0.185
0.189
0.193
Bo
4.30
4.40
4.50
0.169
0.173
0.177
Ko
1.70
1.80
1.90
0.067
0.071
0.075
Po
3.9
4.0
4.1
0.153
0.157
0.161
P
7.9
8.0
8.1
0.311
0.315
0.319
Tape & Reel SOT89 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24