Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OP950 Fiches technique(PDF) 2 Page - TT Electronics.

No de pièce OP950
Description  PIN Silicon Photodiode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TTELEC [TT Electronics.]
Site Internet  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP950 Fiches technique(HTML) 2 Page - TT Electronics.

  OP950 Datasheet HTML 1Page - TT Electronics. OP950 Datasheet HTML 2Page - TT Electronics. OP950 Datasheet HTML 3Page - TT Electronics. OP950 Datasheet HTML 4Page - TT Electronics. OP950 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
PIN Silicon Photodiode
OP950 Series
Issue A
08/2016
Page 2
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
OP950
Sidelooker Lens
OP954
Sidelooker Lens
OP954
1
2
OP950
1
2
Pin #
Diode
1
Anode
2
Cathode
Pin #
Diode
1
Cathode
2
Anode
OP954 - CONTAINS POLYSULFONE
To avoid stress cracking, we suggest using
ND Industries’ Vibra-Tite for thread-locking.
Vibra-Tite evaporates fast without causing structural failure in
OPTEK'S molded plas cs.
INCHES
[MILLIMETERS]
DIMENSIONS ARE IN:
INCHES
[MILLIMETERS]
DIMENSIONS ARE IN:



Html Pages

1 2 3 4 5