Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GL8T100 Fiches technique(PDF) 6 Page - Sharp Corporation

No de pièce GL8T100
Description  Super-luminosity/High-luminosity Numeric LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHARP [Sharp Corporation]
Site Internet  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL8T100 Fiches technique(HTML) 6 Page - Sharp Corporation

  GL8T100 Datasheet HTML 1Page - Sharp Corporation GL8T100 Datasheet HTML 2Page - Sharp Corporation GL8T100 Datasheet HTML 3Page - Sharp Corporation GL8T100 Datasheet HTML 4Page - Sharp Corporation GL8T100 Datasheet HTML 5Page - Sharp Corporation GL8T100 Datasheet HTML 6Page - Sharp Corporation GL8T100 Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Numeric LED Outline Dimensions(Unit:mm)
150
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
10
1.0(Segment width)
(Calking)
4-0.5MAX
1 2
2.5
20.2
21.9
25.5
8
7
6
5
4
3
16.0
5 6
4
2 3
8
7
2 3
8
1
Dig.1
10
Dig.2
Dig.2
Dig.1
GL3t201
7
5 6
4
6
5
4
3
2
8
7 8
7
6
5
4
3
2
10
1
Dig.1
Dig.2
GL3t202
2.54!9=22.86
0.3 for all space
Internal connection diagram
10˚
10.5
5.8
±10˚
D1
D2
E2
E1
B2
B1
Segment name
F2
A2
A1
C1
F1
G1
G2
C2
±10˚
1.0
9-ø0.55
±10˚
A2 B2 C2 D2 E2 F2 G2
A2 B2 C2 D2 E2 F2 G2
A1 B1 C1 D1 E1 F1 G1
A1 B1 C1 D1 E1 F1 G1
5.8
5.25 5.25
16-ø0.55
C-0.5
˚
0
1
20.2
4-ø5.0MAX.
20.1(Substrate)
17.5(Calking)
2.54!7=17.78
(Calking)
0.3(Space)
1.0(Segment width)
1
8
9
16
B2
C2
C1
B1
E1
F1
E2
F2
D2
G2
A2
G1
D1
A1
Dig.1 Dig.2
Segment name
Internal connection diagram
D1 E1 F1
1
13
3
16
14
2
8 6 7
9
GL7t206U
B1
15
A1
G1
C1
4
D2 E2 F2 G2
10
10 12
11
A2 B2 C2
5
Dig.1
Dig.2
D1 E1 F1
1
13
3
16
14
2
8 6 7
9
GL6t206U
B1
15
A1
G1
C1
4
D2 E2 F2 G2
10 12
11
A2 B2 C2
5
Dig.1
Dig.2
0.5(Calking)
4.4
16-ø0.55
4.4
4.4
˚
0
1
16.8
17.0
4-ø4.0MAX.
14.3(Calking)
9
16
P20!7=14.0
(Calking)
8
1
F2
E2
F1
E1
B1
C1
A1
A2
G1
G2
D1
D2
C2
B2
Dig.1
Dig.2
0.75(Segment width)
0.3(Space)
Internal connection diagram
Segment name
D1 E1 F1
3
14
2
13
16
1
8 7 6
9
GL7t208U
B1
15
A1
G1
C1
4
D2 E2 F2 G2
11 10
12
A2 B2 C2
5
Dig.1
Dig.2
D1 E1 F1
3
14
2
13
16
1
8 7 6
9
GL6t208U
B1
15
A1
G1
C1
4
D2 E2 F2 G2
11 10
12
A2 B2 C2
5
Dig.1
Dig.2
5
˚
0
1
4
2.5
1
3
8
3
ø1
10
10.5
8
1
17.78
10
21
Luminous intensity rank
2-R1.1
1
5.5
0.5
2.54!7=
GL7R202
Internal connection diagram
Segment name & Pin No.
A1
B1
C1
D1
E1
F1
A2
B2
C2
D2
E2
F2
G2
G1
4
2 3
5 6 7 8
1
1514 13 121110 9
16
Depth0.3
0.3(Space)
0.8.(Segment width)
Dig2
Dig1
D1 E1 F1
4
13
2
16
15
1
12 10 9
8
GL7t202
B1
14
A1
G1
C1
3
D2 E2 F2 G2
6 5
7
A2 B2 C2
11
Dig.1
Dig.2
D1 E1 F1
4
13
2
16
15
1
12 10 9
8
GL6t202
B1
14
A1
G1
C1
3
D2 E2 F2 G2
6 5
7
A2 B2 C2
11
Dig.1
Dig.2
4.0
˚
0
1
3-ø0.9
2.5
4.5
7.0
2.54!5=12.7
11-ø0.45
7.0
22.0
7.0
1.5
Internal connection diagram
A
9
B C D E
GL3t306
F G D.P.
7 1 3
8
6
10
11
5 Dig.3
B
C
E
F G
D
A
D.P.
Dig.1 Dig.2 Dig.3
Segment name
1
6
7
11
2 Dig.1
4 Dig.2
A
9
B C D E
GL3t305
F G D.P.
7 1 3
8
6
10
11
5 Dig.3
2 Dig.1
4 Dig.2
0.3(for all space)
1.0(for all segment width)
S GL3E306
3.6
˚
0
1
6.0
21-ø0.45
1.5
6.5
5.5
30.0
2.54!10=25.4
5-ø0.8
6.0
6.0
6.0
0.35
0.35
16
U.C.
2
Dig.1
4
Dig.2
7
Dig.3
9
Dig.4
6
L.C.
12
D.P.3
14
D.P.2
3
D.P.1
0.6(for all segment width)
0.3(for all space)
11
12
21
1
Internal connection diagram
5
Segment name
Dig.3 Dig.4
Dig.2
Dig.1
D.P.3
D.P.2
D.P.1
L.C.
U.C.
D
G
E
C
F
B
A
G
20
F
18
E
19
D
Gl3t412
21
10
C
B
15
13
A
17
11
8
1
16
U.C.
2
Dig.1
4
Dig.2
7
Dig.3
9
Dig.4
6
L.C.
12
D.P.3
14
D.P.2
3
D.P.1
5
G
20
F
18
E
19
D
Gl3t411
21
10
C
B
15
13
A
17
11
8
1
S GL3H412
13
15
17
14
16
18
GL3t202 Series GL3t201 Series
GL7t206U Series GL6t206U Series
GL7t208U Series GL6t208U Series
GL7t202 Series GL6t202 Series
GL3t306 Series GL3t305 Series
GL3t412 Series GL3t411 Series



Html Pages

1 2 3 4 5 6 7