Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FP15501 Fiches technique(PDF) 4 Page - Ledil, Inc.

No de pièce FP15501
Description  Konntakt Base part
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEDIL [Ledil, Inc.]
Site Internet  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FP15501 Fiches technique(HTML) 4 Page - Ledil, Inc.

  FP15501 Datasheet HTML 1Page - Ledil, Inc. FP15501 Datasheet HTML 2Page - Ledil, Inc. FP15501 Datasheet HTML 3Page - Ledil, Inc. FP15501 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NOTE: The typical divergence will be changed by different color, chip size and chip position
tolerance. The typical total divergence is the full angle measured where the luminous intensity
is half of the peak value.
GENERAL INFORMATION
- Product series especially designed & optimized for series of LEDs.
- Special care taken to make light distribution as uniform as possible.
Note! Due to use of high power COB's with this product, special attention to proper thermal design is highly
recommended. LEDiL has no liability for direct, indirect or consecutive damages arising from the LEDiL
products being used outside of the recommended temperature range.



Html Pages

1 2 3 4