Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C15821 Fiches technique(PDF) 25 Page - Ledil, Inc.

No de pièce C15821
Description  Winnie Assembly
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEDIL [Ledil, Inc.]
Site Internet  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C15821 Fiches technique(HTML) 25 Page - Ledil, Inc.

Back Button C15821 Datasheet HTML 17Page - Ledil, Inc. C15821 Datasheet HTML 18Page - Ledil, Inc. C15821 Datasheet HTML 19Page - Ledil, Inc. C15821 Datasheet HTML 20Page - Ledil, Inc. C15821 Datasheet HTML 21Page - Ledil, Inc. C15821 Datasheet HTML 22Page - Ledil, Inc. C15821 Datasheet HTML 23Page - Ledil, Inc. C15821 Datasheet HTML 24Page - Ledil, Inc. C15821 Datasheet HTML 25Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
NOTE: The typical divergence will be changed by different color, chip size and chip position
tolerance. The typical total divergence is the full angle measured where the luminous intensity
is half of the peak value.
GENERAL INFORMATION
- Product series especially designed & optimized for series of LEDs.
- Special care taken to make light distribution as uniform as possible.
Note! Due to use of high power COB's with this product, special attention to proper thermal design is highly
recommended. LEDiL has no liability for direct, indirect or consecutive damages arising from the LEDiL
products being used outside of the recommended temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25