| Moteur de recherche de fiches techniques de composants électroniques |
|
ADAS1000-4BSTZ Fiches technique(PDF) 77 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAS1000-4BSTZ Fiches technique(HTML) 77 Page - Analog Devices |
|
77 / 80 page ![]() Data Sheet ADAS1000-3/ADAS1000-4 51B SOFTWARE FLOWCHART Figure 81 shows a suggested sequence of steps to be taken to interface to multiple devices. Figure 81. Suggested Software Flowchart for Interfacing to Multiple Devices IS CRC CORRECT? DRDY LOW? POWER UP ADAS1000 DEVICES ADAS1000 GOES INTO POWER-DOWN MODE WAIT FOR POR ROUTINE TO COMPLETE, 1.5ms INITIALIZE SLAVE DEVICES INITIALIZE MASTER DEVICE ENABLING CONVERSION ISSUE READ FRAME COMMAND (WRITE TO 0x40) DISCARD FRAME DATA ISSUE SCLK CYCLES (SDI = 0) TO CLOCK FRAME DATA OUT AT PROGRAMMED DATA RATE ACTIVITY ON SDI? RETURN TO ECG CAPTURE? POWER-DOWN? YES YES YES YES YES NO NO NO NO NO ISSUE READ FRAME COMMAND (WRITE TO 0x40) ECG CAPTURE COMPLETE POWER-DOWN ADAS1000 ECGCTL = 0x0 ADAS1000 STOPS CONVERTING, SDI WORD USED TO RECONFIGURE DEVICE Rev. B | Page 77 of 80 |