Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADAS1000BSTZ Fiches technique(PDF) 14 Page - Analog Devices

No de pièce ADAS1000BSTZ
Description  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADAS1000BSTZ Fiches technique(HTML) 14 Page - Analog Devices

Back Button ADAS1000BSTZ Datasheet HTML 10Page - Analog Devices ADAS1000BSTZ Datasheet HTML 11Page - Analog Devices ADAS1000BSTZ Datasheet HTML 12Page - Analog Devices ADAS1000BSTZ Datasheet HTML 13Page - Analog Devices ADAS1000BSTZ Datasheet HTML 14Page - Analog Devices ADAS1000BSTZ Datasheet HTML 15Page - Analog Devices ADAS1000BSTZ Datasheet HTML 16Page - Analog Devices ADAS1000BSTZ Datasheet HTML 17Page - Analog Devices ADAS1000BSTZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 80 page
background image
ADAS1000/ADAS1000-1/ADAS1000-2
Data Sheet
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 7. ADAS1000 64-Lead LQFP Pin Configuration
Figure 8. ADAS1000 56-Lead LFCSP Pin Configuration
Figure 9. ADAS1000-1 56-Lead LFCSP Pin Configuration
DGND
IOVDD
GPIO0/MCS
GPIO1/MSCLK
GPIO2/MSDO
GPIO3
DGND
CS
DRDY
SDI
SCLK
SDO
IOVDD
DGND
NC
NC
PIN 1
ADAS1000
64-LEAD LQFP
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19 20
21 22 23 24 25 26 27 28
29 30 31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
EXT_RESP_LA
EXT_RESP_LL
REFGND
REFOUT
REFIN
ECG1_LA
ECG2_LL
EXT_RESP_RA
AGND
ECG4_V1
RESPDAC_RA
AGND
NC
ECG5_V2
NC
ECG3_RA
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
PIN 1
INDICATOR
1
AGND
2
RESPDAC_RA
3
EXT_RESP_RA
4
EXT_RESP_LL
5
EXT_RESP_LA
6
REFGND
7
REFOUT 8
REFIN
9
ECG1_LA
10
ECG2_LL
11
ECG3_RA
12
ECG4_V1
13
ECG5_V2
14
AGND
35
DGND
36
CS
37
DRDY
38
SDI
39
SCLK
40
SDO
41
IOVDD
42
DGND
NOTES
1. THE EXPOSED PADDLE IS ON THE TOP OF THE PACKAGE;
IT IS CONNECTED TO THE MOST NEGATIVE POTENTIAL, AGND.
34
GPIO3
33
GPIO2/MSDO
32
GPIO1/MSCLK
31
GPIO0/MCS
30
IOVDD
29
DGND
ADAS1000
56-LEAD LFCSP
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
1
AGND
2
NC
3
NC
4
NC
5
NC
6
REFGND
7
REFOUT 8
REFIN
9
ECG1_LA
10
ECG2_LL
11
ECG3_RA
12
ECG4_V1
13
ECG5_V2
14
AGND
35
36
37
38
39
40
41
42
34
33
32
31
30
29
ADAS1000-1
56-LEAD LFCSP
TOP VIEW
(Not to Scale)
DGND
CS
DRDY
SDI
SCLK
SDO
IOVDD
DGND
GPIO3
GPIO2/MSDO
GPIO1/MSCLK
GPIO0/MCS
IOVDD
DGND
NOTES
1. THE EXPOSED PADDLE IS ON THE TOP OF THE PACKAGE;
IT IS CONNECTED TO THE MOST NEGATIVE POTENTIAL, AGND.
Rev. B | Page 14 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80