| Moteur de recherche de fiches techniques de composants électroniques |
|
SPD50N03S2 Fiches technique(PDF) 2 Page - Inchange Semiconductor Company Limited |
|
|
|||||||||||||||||||||||||||||
SPD50N03S2 Fiches technique(HTML) 2 Page - Inchange Semiconductor Company Limited |
|
2 / 2 page ![]() INCHANGE Semiconductor isc website:www.iscsemi.cn isc & iscsemi is registered trademark 2 isc N-Channel MOSFET Transistor SPD50N03S2,ISPD50N03S2 ELECTRICAL CHARACTERISTICS TC=25℃ unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNIT BVDSS Drain-Source Breakdown Voltage VGS=0V; ID=1mA 30 V VGS(th) Gate Threshold Voltage VDS=VGS; ID=85μA 2.1 4 V RDS(on) Drain-Source On-Resistance VGS=10V; ID=50A 7.3 mΩ IGSS Gate-Source Leakage Current VGS=20V;VDS= 0V 0.1 μ A IDSS Drain-Source Leakage Current VDS=30V; VGS= 0V 1 μ A VSD Diode forward voltage IF=50A, VGS = 0V 1.3 V |