Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CX28331-3X Fiches technique(PDF) 39 Page - Synaptics Incorporated.

No de pièce CX28331-3X
Description  Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CONEXANT [Synaptics Incorporated.]
Site Internet  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX28331-3X Fiches technique(HTML) 39 Page - Synaptics Incorporated.

Back Button CX28331-3X Datasheet HTML 35Page - Synaptics Incorporated. CX28331-3X Datasheet HTML 36Page - Synaptics Incorporated. CX28331-3X Datasheet HTML 37Page - Synaptics Incorporated. CX28331-3X Datasheet HTML 38Page - Synaptics Incorporated. CX28331-3X Datasheet HTML 39Page - Synaptics Incorporated. CX28331-3X Datasheet HTML 40Page - Synaptics Incorporated. CX28331-3X Datasheet HTML 41Page - Synaptics Incorporated. CX28331-3X Datasheet HTML 42Page - Synaptics Incorporated. CX28331-3X Datasheet HTML 43Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
CX28331/CX28332/CX28333
2.0 Functional Description
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
2.2 Transmitter
100985A
Conexant
2-7
Figure 2-6. Transmit Pulse Mask for E3 Rate
100985_007
17 ns
0.1
0.1
0.1
0.1
0.1
0.2
0.2
14.55 ns
8.65 ns
12.1 ns
24.5 ns
29.1 ns
Time
Volts
Normalized



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68