Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CX28332 Fiches technique(PDF) 45 Page - Synaptics Incorporated.

No de pièce CX28332
Description  Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CONEXANT [Synaptics Incorporated.]
Site Internet  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX28332 Fiches technique(HTML) 45 Page - Synaptics Incorporated.

Back Button CX28332 Datasheet HTML 41Page - Synaptics Incorporated. CX28332 Datasheet HTML 42Page - Synaptics Incorporated. CX28332 Datasheet HTML 43Page - Synaptics Incorporated. CX28332 Datasheet HTML 44Page - Synaptics Incorporated. CX28332 Datasheet HTML 45Page - Synaptics Incorporated. CX28332 Datasheet HTML 46Page - Synaptics Incorporated. CX28332 Datasheet HTML 47Page - Synaptics Incorporated. CX28332 Datasheet HTML 48Page - Synaptics Incorporated. CX28332 Datasheet HTML 49Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
CX28331/CX28332/CX28333
2.0 Functional Description
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
2.4 Jitter Tolerance
100985A
Conexant
2-13
2.4 Jitter Tolerance
The CX2833i receiver is able to tolerate a specified amount of high-frequency
jitter in the received signal while providing error-free operation (generally
defined as a bit error rate of less than 10-9). The specifications (illustrated in
Figure 2-9) for jitter tolerance are discussed in the following documents:
•
E3 rate – ITU-T G.823 and ETSI TBR24 contain frequency masks for input
jitter tolerance.
NOTE:
To meet jitter transfer requirements for loop-timed operation, an external
jitter attenuator is required. The jitter attenuator lessens jitter from the
receive clock.
•
DS3 rate – ITU-T G.823 and Bellcore GR499 specify jitter tolerance
frequency masks for Category I and Category II interfaces.
•
STS-1 rate – Bellcore GR253 specifies a jitter tolerance. It is noted that the
STS-1 jitter tolerance differs from DS3 requirements only for Category II
interfaces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68