Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS53L32A Fiches technique(PDF) 29 Page - Cirrus Logic

No de pièce CS53L32A
Description  Low Voltage, Stereo A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L32A Fiches technique(HTML) 29 Page - Cirrus Logic

Back Button CS53L32A Datasheet HTML 25Page - Cirrus Logic CS53L32A Datasheet HTML 26Page - Cirrus Logic CS53L32A Datasheet HTML 27Page - Cirrus Logic CS53L32A Datasheet HTML 28Page - Cirrus Logic CS53L32A Datasheet HTML 29Page - Cirrus Logic CS53L32A Datasheet HTML 30Page - Cirrus Logic CS53L32A Datasheet HTML 31Page - Cirrus Logic CS53L32A Datasheet HTML 32Page - Cirrus Logic CS53L32A Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
CS53L32A
DS513F1
29
Reference Ground
16
REF_GND
(
Input) - Ground reference for the internal sampling circuits. Must
be connected to ground.
Quiescent Voltage
19
VQ
(
Output) - Filter connection for internal A/D converter quiescent refer-
ence voltage. A capacitor must be connected from VQ to ground. VQ is not
intended to supply external current. VQ has a typical source impedance of
250 k
Ω and any current drawn from this pin will alter device performance.
Reset
20
RST
(
Input) - The device enters a low power mode and all internal registers
are reset to their default settings, including the control port, when low. When
high, the control port becomes operational and the PDN bit must be cleared
before normal operation will occur. The control port cannot be accessed
when Reset is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40