Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BLUENRG-2 Fiches technique(PDF) 167 Page - STMicroelectronics

No de pièce BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Fiches technique(HTML) 167 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 163Page - STMicroelectronics BLUENRG-2 Datasheet HTML 164Page - STMicroelectronics BLUENRG-2 Datasheet HTML 165Page - STMicroelectronics BLUENRG-2 Datasheet HTML 166Page - STMicroelectronics BLUENRG-2 Datasheet HTML 167Page - STMicroelectronics BLUENRG-2 Datasheet HTML 168Page - STMicroelectronics BLUENRG-2 Datasheet HTML 169Page - STMicroelectronics BLUENRG-2 Datasheet HTML 170Page - STMicroelectronics BLUENRG-2 Datasheet HTML 171Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 190 page
background image
BlueNRG-2
General characteristics
DocID030675 Rev 2
167/190
8
General characteristics
Table 215: Recommended operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VBAT
Operating battery supply voltage
1.7
3.6
V
TA
Operating Ambient temperature range
-40
+105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More