Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BLUENRG-2 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 9Page - STMicroelectronics BLUENRG-2 Datasheet HTML 10Page - STMicroelectronics BLUENRG-2 Datasheet HTML 11Page - STMicroelectronics BLUENRG-2 Datasheet HTML 12Page - STMicroelectronics BLUENRG-2 Datasheet HTML 13Page - STMicroelectronics BLUENRG-2 Datasheet HTML 14Page - STMicroelectronics BLUENRG-2 Datasheet HTML 15Page - STMicroelectronics BLUENRG-2 Datasheet HTML 16Page - STMicroelectronics BLUENRG-2 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 190 page
background image
BlueNRG-2
BlueNRG-2 Bluetooth low energy stack
DocID030675 Rev 2
13/190
2
BlueNRG-2 Bluetooth low energy stack
The BlueNRG-2 is complemented with a Bluetooth low energy stack C library that provides:
Master, slave role support
GAP: central, peripheral, observer or broadcaster roles
ATT/GATT: client and server
SM: privacy, authentication and authorization.
L2CAP
Link layer: AES-128 encryption and decryption
The BlueNRG-2 can be configured to support single chip or network processor
applications.
The BlueNRG-2 supports LE data packet length extension, in compliance with Bluetooth
Smart v5.0.
In the first configuration, the BlueNRG-2 operates as single device in the application for
managing both the application code and the Bluetooth low energy stack. The whole
Bluetooth low energy stack is provided as object code in a single library file whereas the
GATT low energy profiles are provided as object codes in separate libraries.
Figure 3: "BlueNRG-2 single chip RF software layers" shows the single chip RF software
layers.
Figure 3: BlueNRG-2 single chip RF software layers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More