| Moteur de recherche de fiches techniques de composants électroniques |
|
BLUENRG-2 Fiches technique(PDF) 162 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BLUENRG-2 Fiches technique(HTML) 162 Page - STMicroelectronics |
|
162 / 190 page ![]() Memory mapping BlueNRG-2 162/190 DocID030675 Rev 2 Address Cortex-M0 address map Size Description 0x5000_0000 AHB peripheral 4 kB RESERVED 0xA000_0000 4 kB DMA controller 0xB000_0000 4 kB RNG 0xC000_0000 4 kB PKA 0xC000_0400 1 kB PKA RAM 0xE000_0000 – 0xE00F_FFFF Private peripheral bus 1 MB Cortex-M0 registers 0xE010_0000 – 0xEFFF_FFFF RESERVED 256 MB RESERVED 0xF000_0000 – 0xFFFF_FFFF 256 MB RESERVED Notes: (1)The I²C 1 is not available in WLCSP34 package. All the peripherals are addressed by APB, except DMA, RNG and PKA peripherals that are addressed by AHB. The peripherals DMA, RNG and PKA that are addressed through the AHB, must be accessed only with 32-bit accesses. Any 8-bit or 16-bit access will generate an AHB error leading to a hard fault on Cortex-M0. |