Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WI322522-R15JF Fiches technique(PDF) 4 Page - Superworld Electronics

No de pièce WI322522-R15JF
Description  Wire Wound Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUPERWORLD [Superworld Electronics]
Site Internet  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

WI322522-R15JF Fiches technique(HTML) 4 Page - Superworld Electronics

  WI322522-R15JF Datasheet HTML 1Page - Superworld Electronics WI322522-R15JF Datasheet HTML 2Page - Superworld Electronics WI322522-R15JF Datasheet HTML 3Page - Superworld Electronics WI322522-R15JF Datasheet HTML 4Page - Superworld Electronics WI322522-R15JF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Wire Wound Inductor – WI322522 Series
NOTE: Specifications subject to change without notice. Please check our website for latest information.
Proprietary and Confidential
Document of Superworld
02/10/2017
P4
7. Soldering
7-1 Reflow Soldering
7-2 Flow Soldering
7-3 Iron Soldering
Base on the following conditions, use a maximum product temperature of 260°C and a
maximum accumulated heating time of 10seconds as a guideline.
Tip Temperature
300°C ~ 350°C
Heating Time
3 Sec / soldering
Soldering Rod Specification
Output: 30W Tip, Diameter: 1mm



Html Pages

1 2 3 4 5