| Moteur de recherche de fiches techniques de composants électroniques |
|
L78L05CZ Fiches technique(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L78L05CZ Fiches technique(HTML) 11 Page - STMicroelectronics |
|
11 / 24 page ![]() L78L00 SERIES 11/24 ELECTRICAL CHARACTERISTICS OF L78L08AB AND L78L08AC (refer to the test circuits, VI = 14V, IO =40mA, CI =0.33 µF, CO =0.1 µF, TJ = 0 to 125°C for L78L08AC, TJ = -40 to 125°C for L78L08AB, unless otherwise specified) ELECTRICAL CHARACTERISTICS OF L78L09AB AND L78L09AC (refer to the test circuits, VI = 15V, IO =40mA, CI =0.33 µF, CO =0.1 µF, TJ = 0 to 125°C for L78L09AC, TJ = -40 to 125°C for L78L09AB, unless otherwise specified) Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage TJ = 25°C 7.68 8 8.32 V VO Output Voltage IO = 1 to 40 mA VI = 10.5 to 23 V 7.6 8.4 V IO = 1 to 70 mA VI = 14 V 7.6 8.4 ∆V O Line Regulation VI = 10.5 to 23 V TJ = 25°C 175 mV VI = 11to23 V TJ = 25°C 125 ∆V O Load Regulation IO = 1 to 100 mA TJ = 25°C 80 mV IO =1to 40mA TJ = 25°C 40 Id Quiescent Current TJ = 25°C 6 mA TJ = 125°C 5.5 mA ∆I d Quiescent Current Change IO =1to 40mA 0.1 mA VI = 11to23 V 1.5 eN Output Noise Voltage B =10Hz to 100KHz TJ = 25°C 60 µV SVR Supply Voltage Rejection VI = 12 to 23 V f = 120Hz IO =40 mA TJ = 25°C 37 45 dB Vd Dropout Voltage 1.7 V Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage TJ = 25°C 8.64 9 9.36 V VO Output Voltage IO = 1 to 40 mA VI = 11.5 to 23 V 8.55 9.45 V IO = 1 to 70 mA VI = 15 V 8.55 9.45 ∆V O Line Regulation VI = 11.5 to 23 V TJ = 25°C 225 mV VI =12 to23 V TJ = 25°C 150 ∆V O Load Regulation IO = 1 to 100 mA TJ = 25°C 80 mV IO =1to 40mA TJ = 25°C 40 Id Quiescent Current TJ = 25°C 6 mA TJ = 125°C 5.5 mA ∆I d Quiescent Current Change IO =1to 40mA 0.1 mA VI =12 to23 V 1.5 eN Output Noise Voltage B =10Hz to 100KHz TJ = 25°C 70 µV SVR Supply Voltage Rejection VI = 12 to 23 V f = 120Hz IO =40 mA TJ = 25°C 37 44 dB Vd Dropout Voltage 1.7 V |