| Moteur de recherche de fiches techniques de composants électroniques |
|
LD1085CDT15 Fiches technique(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LD1085CDT15 Fiches technique(HTML) 6 Page - STMicroelectronics |
|
6 / 15 page ![]() LD1085C SERIES 6/15 ELECTRICAL CHARACTERISTICS OF LD1085CDT33 (VI=6.3V, CI = CO =10µF, TA = -40 to 125°C, unless otherwise specified.) NOTE 1: See short-circuit current curve for available output current at fixed dropout. ELECTRICAL CHARACTERISTICS OF LD1085CDT36 (VI=6.6V, CI = CO =10µF, TA = -40 to 125°C, unless otherwise specified.) NOTE 1: See short-circuit current curve for available output current at fixed dropout. Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage IO = 0 mA TJ = 25°C 3.234 3.35 3.366 V IO = 0 to 3A VI = 4.9 to 30V (note 1) 3.201 3.35 3.399 V ∆V O Line Regulation IO = 0 mA VI = 4.9 to 18V TJ = 25°C 0.5 6 mV IO = 0 mA VI = 4.9 to 18V 1 6 mV ∆V O Load Regulation IO = 0 to 3A TJ = 25°C 3 15 mV IO = 0 to 3A 7 20 V Vd Dropout Voltage IO =3 A 1.3 1.5 V Iq Quiescent Current VI ≤ 30V 5 10 mA Isc Short Circuit Current VI - VO = 5V 3.2 4.5 A VI - VO = 25V 0.2 0.5 A Termal Regulation TA = 25°C, 30ms pulse 0.008 0.04 %/W SVR Supply Voltage Rejection f = 120 Hz, CO = 25 µF, IO = 5A VI = 8.3 ± 3V 60 72 dB eN RMS Output Noise Voltage (% of VO) TA = 25°C f =10Hz to 10KHz 0.003 % S Temperature Stability 0.5 % S Long Term Stability TA = 125°C 1000Hrs 0.5 % Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage IO = 0 mA TJ = 25°C 3.528 3.6 3.672 V IO = 0 to 3A VI = 5.2 to 30V (note 1) 3.492 3.6 3.708 V ∆V O Line Regulation IO = 0 mA VI = 5.2 to 18V TJ = 25°C 0.5 10 mV IO = 0 mA VI = 5.2 to 18V 1 10 mV ∆V O Load Regulation IO = 0 to 3A TJ = 25°C 3 15 mV IO = 0 to 3A 7 20 V Vd Dropout Voltage IO =3 A 1.3 1.5 V Iq Quiescent Current VI ≤ 30V 5 10 mA Isc Short Circuit Current VI - VO = 5V 3.2 4.5 A VI - VO = 25V 0.2 0.5 A Termal Regulation TA = 25°C, 30ms pulse 0.008 0.04 %/W SVR Supply Voltage Rejection f = 120 Hz, CO = 25 µF, IO = 3A VI = 8.6 ± 3V 60 72 dB eN RMS Output Noise Voltage (% of VO) TA = 25°C f =10Hz to 10KHz 0.003 % S Temperature Stability 0.5 % S Long Term Stability TA = 125°C 1000Hrs 0.5 % |