| Moteur de recherche de fiches techniques de composants électroniques |
|
L78L33AB Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L78L33AB Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 24 page ![]() L78L00 SERIES 2/24 ABSOLUTE MAXIMUM RATINGS (*) Our SO-8 package used for Voltage Regulators is modified internally to have pins 2, 3, 6 and 7 electrically communed to the die attach flag. This particular frame decreases the total thermal resistance of the package and increases its ability to dissipate power when an appro- priate area of copper on the printed circuit board is available for heat-sinking. The external dimensions are the same as for the standard SO-8. THERMAL DATA (*) Considering 6 cm2 of copper Board heat-sink TEST CIRCUITS CONNECTION DIAGRAM (top view) Symbol Parameter² Value Unit VI DC Input Voltage VO = 3.3 to 9 V 30 V VO = 12to15V 35 VO = 18to24V 40 IO Output Current 100 mA Ptot Power Dissipation Internally Limited (*) Tstg Storage Temperature Range -40 to 150 °C Top Operating Junction Temperature Range for L78L00C, L78L00AC 0 to 125 °C for L78L00AB -40 to 125 Symbol Parameter SO-8 TO-92 SOT-89 Unit Rthj-case Thermal Resistance Junction-case Max 20 15 °C/W Rthj-amb Thermal Resistance Junction-ambient Max 55 (*) 200 °C/W SOT-89 SO-8 BOTTOM VIEW PIN 1 = VOUT PIN 2 = GND PIN 3 = VIN TO-92 |