Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PS4160 Fiches technique(PDF) 3 Page - Microchip Technology

No de pièce PS4160
Description  PS401 Battery Manager Module with LED SOC Display
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS4160 Fiches technique(HTML) 3 Page - Microchip Technology

  PS4160 Datasheet HTML 1Page - Microchip Technology PS4160 Datasheet HTML 2Page - Microchip Technology PS4160 Datasheet HTML 3Page - Microchip Technology PS4160 Datasheet HTML 4Page - Microchip Technology PS4160 Datasheet HTML 5Page - Microchip Technology PS4160 Datasheet HTML 6Page - Microchip Technology PS4160 Datasheet HTML 7Page - Microchip Technology PS4160 Datasheet HTML 8Page - Microchip Technology PS4160 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
 2003 Microchip Technology Inc.
DS40235B-page 3
PS4160
FIGURE 1-1:
BOARD ASSEMBLY (SIDE 1)
• Connection points for cells and connector are
located here.
• To add an external thermistor, remove R16 (left
side of drawing above).
• To enable the secondary safety circuit, remove
R23 (to the right of PS401, label at top).
FIGURE 1-2:
BOARD ASSEMBLY (SIDE 2)
• Follow chart in step one to configure module for 3
or 4 series cells. The configuration resistors are
located on side 2. Follow the label line to locate
the resistors. Approximate label locations follow.
- R27 - top of drawing, above protection IC,
U2.
- R28 - bottom of drawing, below protection IC,
U2.
- R30 - bottom of drawing, right of R28, left of
R22.
• To enable PS401 control of the charge FET,
remove R25 (right side of drawing, label at top).
• LEDs and the test points for the GPIOs are
located here.



Html Pages

1 2 3 4 5 6 7 8 9 10