Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PE6162 Fiches technique(PDF) 4 Page - Pasternack Enterprises, Inc.

No de pièce PE6162
Description  0.5 Watt RF Load Up to 40 GHz With Mini SMP Female Input Gold over Nickel Plated Beryllium Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PASTERNACK [Pasternack Enterprises, Inc.]
Site Internet  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6162 Fiches technique(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE6162 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6162 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6162 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE6162 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
PE6162 REV 1.1
0.5 Watt RF Load Up to 40 GHz With Mini SMP Female Input
Gold over Nickel Plated Beryllium Copper
PE6162
CAD Drawing



Html Pages

1 2 3 4