Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PE6161 Fiches technique(PDF) 4 Page - Pasternack Enterprises, Inc.

No de pièce PE6161
Description  1 Watt RF Load Up to 18 GHz with SMP Male Limited Detent Gold over Nickel Plated Brass
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PASTERNACK [Pasternack Enterprises, Inc.]
Site Internet  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6161 Fiches technique(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE6161 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6161 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6161 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE6161 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
PE6161 REV 1.1
1 Watt RF Load Up to 18 GHz with SMP Male Limited
Detent Gold over Nickel Plated Brass
PE6161
CAD Drawing



Html Pages

1 2 3 4