| Moteur de recherche de fiches techniques de composants électroniques |
|
DM320016 Fiches technique(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM320016 Fiches technique(HTML) 2 Page - Microchip Technology |
|
2 / 6 page ![]() DS40001739A-page 2 Advance Information 2014 Microchip Technology Inc. DM320016 Single-Touch Gestures Perform one of these single-touch gestures decoded in firmware and see the icon in the display below. FIGURE 3: SINGLE-TOUCH GESTURES DEVELOPMENT MODE OPERATION This mode is intended to allow the device to connect to a PC through the PKSA for evaluation with Microchip’s PCU. The PCU must be installed on your local machine to utilize this mode. Please download this utility from the DM320016 device page. • Toggle SW1 to OFF (PKSA will supply power) • Toggle SW2 to DEV • Connect PKSA to PKS header using the included 6-pin header • Connect USB mini cable between PKSA and host PC • Launch PCU utility and confirm the board is connected The PCU will connect automatically and display the green CONNECTED status, and all tabs and parame- ter adjustments are accessible. Please reference the PCU manual (www.micro- chip.com/pagehandler/en-us/technology/mtouch- screens/resources/software.html) and the MTCH6301 device page (http://www.microchip.com/wwwproducts/ Devices.aspx?product=MTCH6301) for more details to evaluate this design. FIGURE 4: KIT CONFIGURATION PROGRAMMING There is a header included on the board for programming the MTCH6301. This header is marked PGM. Supported Microchip programming devices include: • PICkit™ 3 • ICD 3 RESTORING FACTORY DEFAULTS While using the PCU software, it is possible to adjust particular settings outside of expected operating ranges. It may be necessary to force the board to factory default settings to restore functionality. To restore the DM320016 to factory defaults: • Detach the DM320016 from all devices before turning SW1 to the OFF position and the SW2 switch to the DEV position • Connect the PKSA to the PKS header • Open the PCAP Configuration Utility and click the SHOW ADVANCED PARAMETERS check box in the lower left-hand corner, which will display a list of additional options • Click the RESTORE FACTORY DEFAULTS button • Wait for the CONTROLLER FACTORY DEFAULTS RESTORED text to appear • Close the utility and disconnect the DM320016 Once the DM320016 stops receiving power from the PKSA, the factory defaults will be restored. To verify that the device has been restored, move SW2 so that DEMO is selected and change SW1 to the ON position. Normal operation should be restored. Single Tap Double Tap Tap and Hold Swipe Up Swipe Up and Hold Swipe Down Swipe Down and Hold Swipe Left Swipe Left and Hold Swipe Right Swipe Right and Hold |