Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATECC508A Fiches technique(PDF) 48 Page - Microchip Technology

No de pièce ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Fiches technique(HTML) 48 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 44Page - Microchip Technology ATECC508A Datasheet HTML 45Page - Microchip Technology ATECC508A Datasheet HTML 46Page - Microchip Technology ATECC508A Datasheet HTML 47Page - Microchip Technology ATECC508A Datasheet HTML 48Page - Microchip Technology ATECC508A Datasheet HTML 49Page - Microchip Technology ATECC508A Datasheet HTML 50Page - Microchip Technology ATECC508A Datasheet HTML 51Page - Microchip Technology ATECC508A Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 109 page
background image
Bit 3 Bit 2 Bit 1 Bit 0 Name
Power-
Up State
Meaning
Alternatively, the Info command can be used to change the GPIO
pin to an input.
x
1
1
1
Output1
High
As Output0; however, the default state after power-up is one.
The GPIO pin has active drivers for both the high and low output states to enable connection to two
different LEDs, which may be connected to VCC and GND respectively. If an LED is connected to a supply
voltage higher than VCC, it may not turn off completely when the GPIO pin is high. In this case, the GPIO
pin should be transitioned to an input to completely turn off the LED.
ATECC508A
General Purpose I/O Pin
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More